PART |
Description |
Maker |
D2425F-10 H12D4840D D2440D |
IC,Normally-Open Panel-Mount Solid-State Relay,2-CHANNEL,M:HL048HD4.4 DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX RELAY, SOLID STATE DUAL 40A 240VAC DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom Inc. Crydom, Inc. CRYDOM CORP
|
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
10LPCV2415 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL066HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
SJ-3A01HZNR SJ-5A01HZNR SJ-12A01HZNR SJ-24A01HZNR |
SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Fujitsu Component Limited.
|
AQR10A1-S-Z4/6VDC AQR15A1-S-Z4/6VDC AQR10A1-Z18/28 |
TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX ROHS COMPLIANT PACKAGE-4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX ROHS COMPLIANT PACKAGE-4
|
HIROSE ELECTRIC Co., Ltd.
|
4A1210F-10 4A1210EH-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
MCMT2450BM |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
P111-B253-S001 P111-B253-S301 |
TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Vishay Intertechnology, Inc. ITT, Corp.
|
S202S02F |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
SHARP ELECTRONICS CORP
|
PM1204 PM1204S PM1204STR |
AC Power Switch TRIGGER OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX
|
Clare, Inc.
|